Part Number Hot Search : 
LM324 100JP RN1224 92C32 CSC2371N 2SB1033 GP30A TC4510
Product Description
Full Text Search
 

To Download CS1107 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CS1107
CS1107
Single Relay Driver IC
Description
This ASIC provides up to 350mA of drive current for driving a relay. On-chip diagnostic features include open and short circuit detection in the on state, duty cycle current limit control, and thermal shutdown. Faults are reported on the Fault lead. Fault is an active-low output. An on-chip zener provides protection from flyback pulses from the relay. Internal pull-down circuitry is provided to ensure the output pin turns off when the Control pin is floating.
Features
s Fault Detection Open Circuit Short Circuit Overtemperature s On-Chip Flyback Protection s Low Standby Current
Absolute Maximum Ratings Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -65uC to 150uC VCC, Fault , Control . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.5V to 6V ESD Capability (Human Body Model). . . . . . . . . . . . . . . . . . . . . . . . . . . 2kV Peak Transient Voltage (output off mode, output pin only) (26V load Dump @ 14V VBAT) . . . . . . . . . . . . . . . . . . . . . . . . . . . . .40V Lead Temperature Soldering Reflow (SMD styles only) . . . . 60 sec. max above 183C, 230C peak
Block Diagram
VCC Control ISOURCE Output
33V
Drive & Bias
Package Options
8 Lead SO (internally fused leads)
Output VCC
1
Overtemp Shutdown
Duty cycle during short circuit
+ Fault + short circuit detect open circuit detect
Gnd Gnd Gnd Gnd
Fault Control
Gnd
Gnd
Gnd
Gnd
Cherry Semiconductor Corporation 2000 South County Trail, East Greenwich, RI 02818 Tel: (401)885-3600 Fax: (401)885-5786 Email: info@cherry-semi.com Web Site: www.cherry-semi.com
Rev. 1/29/99
1
A
Company
CS1107
Electrical Characteristics: 4.75V VCC 5.25V, -40uC TA 85uC, -40C TJ 150C
PARAMETER TEST CONDITIONS MIN TYP MAX UNIT
s Supply Requirements VCC Quiescent Current VCC Quiescent Current s Output Leakage Current Saturation Voltage VCLAMP s Current Sense Short Circuit Current Open Circuit Current s Control - Input Input Voltage Input Current
Output ON Output OFF
3 70
6 250
mA A
VBAT =14V I OUTPUT = 350mA I OUTPUT = 180mA VCC < 4.5V, I OUTPUT = 180mA 29
0 1.1 0.9 33
100 1.5 1.3 36
A V V V
Output in the ON state
350 20
500 40
650 60
mA mA
Logic = High Logic = Low Control = VCC
2.0 40 0.8 80
V V A
s Fault Output - (Open Collector) Output Low Voltage I FAULT = 250A (sink) s Overtemperature Shutdown TJ Output Disable Threshold TJ Hysteresis
0.24
0.40
V
(Guaranteed by Design) (Guaranteed by Design)
150 5
180
uC uC
Package Pin Description
PACKAGE PIN # PIN SYMBOL FUNCTION
8 Lead SO (Internally Fused Leads) 1 2 3 4 5, 6, 7, 8 Output VCC Fault Control Ground Open collector output. 5V regulated supply input. Open collector diagnostic output low during open load, short circuit and overtemperature conditions. TTL compatible input. A high on this pin turns the output on. Signal ground.
2
CS1107
Circuit Description The CS1107 relay driver IC provides up to 350mA of drive current in a low-side configuration. The Output driver pin is controlled through the TTL compatible Control input pin. A high condition on the Control pin turns the output pin on. The Fault pin reports short circuit, open circuit, and overtemperature conditions on the IC. If a fault is present, the open collector output Fault pin will be low. Typical numbers for faults are: exceeding 500mA of drive current will report a short circuit. Less than 40mA (typical) will report an open circuit. A temperature fault will be reported when the die temperature exceeds 180C (typical). Faults are only reported when the Control pin is high, due to the low quiescent current when the Control pin is low and the output device is turned off. Overcurrent protection is provided by duty cycle control. When the Output current exceeds the current limit threshold, the output enters duty cycle mode to reduce power dissipation of the IC to a safe level. The higher the threshold is exceeded the lower the duty cycle becomes. A 33V on-chip zener diode on the Output pin protects the device from flyback pulses when a relay is turned off. The saturation voltage of this pin will not exceed 1.5V at 350mA.
Applications Diagram
Output CMODULE(ESD) 10nF CS1107 VCC Fault 20k Control VBAT VCC
Gnd
Gnd Gnd Gnd
microprocessor
3
CS1107
Package Specification
PACKAGE DIMENSIONS IN mm (INCHES) PACKAGE THERMAL DATA
D Lead Count 8 Lead SO Metric Max Min 5.00 4.80 English Max Min .197 .189
Thermal Data RQJC RQJA typ typ
8 Lead SO (internally fused leads) 25 110
uC/W uC/W
Surface Mount Narrow Body (D); 150 mil wide
4.00 (.157) 3.80 (.150)
6.20 (.244) 5.80 (.228)
0.51 (.020) 0.33 (.013)
1.27 (.050) BSC
1.75 (.069) MAX 1.57 (.062) 1.37 (.054) 1.27 (.050) 0.40 (.016) 0.25 (.010) 0.19 (.008) D REF: JEDEC MS-012
0.25 (0.10) 0.10 (.004)
Ordering Information
Part Number CS1107EDF8 CS1107EDFR8
Description 8 Lead SO (internally fused leads) 8 Lead SO (internally fused leads) (tape & reel) 4
Cherry Semiconductor Corporation reserves the right to make changes to the specifications without notice. Please contact Cherry Semiconductor Corporation for the latest available information.
(c) 1999 Cherry Semiconductor Corporation
Rev. 1/29/99


▲Up To Search▲   

 
Price & Availability of CS1107

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X